Part Number Hot Search : 
ES5108F 25C01 RC4194 SMCJ20 PC451C 00400 P2504 0505S
Product Description
Full Text Search
 

To Download THV1031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THV1031-Rev0.12W
Preliminary
THV1031
3ch Buck, Boost and Inverting Controller
General Description
THine's new 3ch Buck/Boost & Inverting controller enables simple & low cost multi-channel power supply system design. Ch-1 is selectable Buck/Boost controller, ch-2 is Buck converter, and ch-3 is selectable Inverting / Buck converter. All channels are PWM controllers and are designed to make phase compensation easy for output ceramic capacitors. SS_1,2,3, DTC_1,3, and SCP pins help to design user defined soft start time, dead time and timer latch delay time. Utilizing those pins and P_GOOD 1,2,3, the ensured sequence control can be easily set and linked to the external circuit. This IC is suitable for power supply system of TFT LCD bias and for system board with multi-channel power supply.
Features
*TSSOP 30Pin package *Input Voltage range : 4.2 to 15.0V *Push Pull output for direct Power Mos driving *Optimized for Ceramic output capacitor *Complete PWM mode controller *Adjustable switching frequency up to 1MHz by external resister *Timer Latch Protection * System UVLO Function *Adjustable Soft Start time by external capacitor *Adjustable Timer Latch Delay time by external capacitor *Adjustable Dead Time Control by external resistor *Boost mode selectable on ch-1 *Inverting mode selectable on ch-3 *Buck mode selectable on ch-1, 2, 3
Applications
* TFT LCD Bias voltage supply * General use
lim P re
in a
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 VREF
Pin Asignment
TSSOP 30Pin
SYSUVLO SCP FB_1 INV_1 SS_1 DTC_1 FB_2 INV_2 SS_2 SGND XP_DET PGND2 P_GOOD1 OUT_1 SLCT_1 OUT_2 P_GOOD2 PGND1 P_GOOD3 OUT_3 SLCT_3 VCC T R DTC_3 SS_3 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
ry
FB_3 INV_3 O_ INV_3 NN SS_VREF
TOP VIEW
THine Electronics, Inc.


▲Up To Search▲   

 
Price & Availability of THV1031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X